PART |
Description |
Maker |
AM29BDS128HD9VFI AM29BDS64HD8VKI AM29BDS128HD8VKI |
128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 12864兆位米或4个M x 16位)的CMOS 1.8伏,只有同时写,突发模式闪存 128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 8M X 16 FLASH 1.8V PROM, 50 ns, PBGA80 128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 1284兆位米或4个M x 16位)的CMOS 1.8伏,只有同时写,突发模式闪存
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
AT49SV12804 AT49SV12804-70TI AT49SN12804 |
128-megabit (8M x 16) Burst/Page Mode 1.8-volt Flash Memory
|
Atmel Corp.
|
S29WS128J |
128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
|
Spansion Inc.
|
S29NS-N07 |
256/128/64 Megabit (16/8/4M x 16-bit), CMOS 1.8 Volt-only Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
|
SPANSION
|
EN71NS128C0 EN71NS128C0-7DCWP |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 64 Megabit (4M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
M36L0R7060T1 M36L0R7060B1 M36L0R7060B1ZAQE M36L0R7 |
128 Mbit (Multiple Bank, Multilevel, Burst) Flash memory and 64 Mbit (Burst) PSRAM, 1.8 V supply, multichip package
|
STMicroelectronics ST Microelectronics, Inc.
|
M36L0R7060B1 M36L0R7060B1ZAQE M36L0R7060B1ZAQF M36 |
128 Mbit (Multiple Bank, Multilevel, Burst) Flash memory and 64 Mbit (Burst) PSRAM, 1.8 V supply, multichip package
|
Numonyx B.V
|
AM29LV128ML103PCI AM29LV128MH103PCI AM29LV128MH/L |
Am29LV128MH/L - 128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 8M X 16 FLASH 3V PROM, 100 ns, PDSO56 128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 8M X 16 FLASH 3V PROM, 110 ns, PDSO56 128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 8M X 16 FLASH 3V PROM, 110 ns, PBGA64 128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit?3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
|
Advanced Micro Devices, Inc.
|
AM28F010 AM28F010-200JEB AM28F010-150FIB AM28F010- |
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 128K X 8 FLASH 12V PROM, 150 ns, PDIP32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 128K X 8 FLASH 12V PROM, 200 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 128K X 8 FLASH 12V PROM, 90 ns, PDSO32 CMOS Dual Binary Up-Counter 16-TSSOP -55 to 125 CMOS Dual Binary Up-Counter 16-SO -55 to 125 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
AT49F001AT-55VI AT49F001AT-55JI ANT-55VI AT49F001A |
1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY 128K X 8 FLASH 5V PROM, 55 ns, PDSO32 1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY 128K X 8 FLASH 5V PROM, 55 ns, PQCC32
|
Atmel, Corp. ATMEL CORP
|